PART |
Description |
Maker |
RA110C RC110C RA113S RC113S RA103S RC103S RA114S R |
TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | TO-236 TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | TO-92VAR 晶体管| 50V五(巴西)总裁| 100mA的一(c)|2VAR
|
Amphenol, Corp.
|
MC78L05ABD MC78L05ABDG MC78L05ABPG MC78L05AC MC78L |
100mA, 5V, Positive Voltage Regulator 100mA, 15V, Positive Voltage Regulator 100mA, 12V, Positive Voltage Regulator 100mA, 8V, Positive Voltage Regulator 100mA, 24V, Positive Voltage Regulator 100mA, 9V, Positive Voltage Regulator 4.5V to 18V Input, Low Pin Count Synchronous Buck Controller with Power Good 10-SON -40 to 85 15 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PDSO8 DIODE RECT 200V 200MA S-MINI 2P FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 18 V FIXED POSITIVE REGULATOR, PBCY3 High Efficiency, Mid-Range Input, Synchronous Buck Controller with Voltage Feed Forward 16-HTSSOP -40 to 85 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:6; Connector Shell Size:36; Connecting Termination:Solder; Body Style:Right Angle; Circular Contact Gender:Socket; Gender:Male Three-Terminal Low Current Positive Voltage Regulators
|
ONSEMI[ON Semiconductor] http://
|
SB01W05S SB01W05S-E |
50V/ 100mA Rectifier 50V, 100mA Rectifier Silicon Diode DIODE SCHOTTKY 50V 0.1A 3SPA
|
SANYO[Sanyo Semicon Device] N/A Sanyo Semiconductor
|
CS8391 CS8391YDPR5 CS8391YDP5 |
5V/250mA/ 5V/100mA Micropower Low Dropout Regulator with ENABLE 5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics, Corp.
|
SB01-15CP SB01-15SP |
150V, 100mA Rectifier Shottky Barrier Diode Shottky barrier diode, 150V/100mA rectifier Schottky Barrier Diode 150V/ 100mA Rectifier
|
Sanyo Semicon Device Sanyo Semiconductor
|
LND2931-5.0 LND2931 LND2931-10 LND2931-12 LND2931- |
100mA, 3.0V to 24V, low dropout voltage regulator. 100mA Low Dropout Voltage Regulator
|
LinearDimensions Linear Dimensions Semiconductor
|
2SA640 2N5826 2N5828 2N4964 |
TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 100MA I(C) | TO-106 晶体管|晶体管|进步党| 40V的五(巴西)总裁| 100mA的一(c)|106 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR|BJT|PNP|50VV(BR)CEO|50MAI(C)|TO-92
|
EPCOS AG
|
1N200AR |
SI RECTIFIER, I(O)/I(F) S 100MA
|
New Jersey Semi-Conductor Products, Inc.
|
SB01-05C |
50V, 100mA Rectifier
|
Sanyo Semicon Device
|
HT7544-1 HT7533-1 HT7536-1 HT7530-1 HT7533 HT7550- |
100mA Voltage Regulator
|
Holtek Semiconductor Inc
|
AMC78L05DM AMC78L05DM_DMF AMC78L05PKF AMC78L05 AMC |
100mA / 3-TERMINAL 5V REGULATOR
|
Electronic Theatre Controls, Inc. ADD Microtech Corp ETC[ETC] N.A. List of Unclassifed Manufacturers
|